Part Number Hot Search : 
TS19373 SL900 2SK4115 SM5073 SL900 2SAR554P SRF10100 3PMT12CA
Product Description
Full Text Search
 

To Download SF1001FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage range 50 to 600 volts 10.0 amperes features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? good for switching mode application high temperature solde ? ring : 260 o c / 10 seconds at terminals pb free product at available : 99% sn above meet rohs ? environment substance directive request mechanical data ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: lead solderable per mil-std-202, method 208 guranteed ? polarity: as marked ? mounting position: any ? weight: 2.24 grams maximum ratings and electrical characteristics rating 25 ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number SF1001FCT sf1002fct sf1003fct sf1004fct sf1005fct sf1006fct sf1007fct units maximum recurrent peak reverse v oltage 50 100 150 200 300 400 600 v maximum rms voltage 35 70 105 140 210 280 420 v maxi mum dc blocki ng voltage 50 100 150 200 300 400 600 v maximum average forward rect if ied current .375"(9.5mm) lead length at tc=100 10.0 a peak forward surge current , 8.3 ms single half sine- wave superimposed on rated load (j edec method) 150 a maximum i nstantaneous forward vol tage at 5.0a 0.95 1.30 1.70 v maxi mum dc reverse cur rent tc=25 at rated dc blocking vol tage tc=100 10 500 ua ua maximum reverse recovery time (note 1) 35 50 ns typi cal junction capaci tance (note 2) 50 pf oper ati ng and storage temperature range tj, tstg -55 +150 notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. ito-220ab unit:inch(mm) .161(4.1) max .130 (3.3 ) max .185(4.8 ) max .272(6.9) .248(6.3) .055(1.4) max .035(0.9) max .100(2.55) .543(13.8) .512(13.0 ) .100(2.55) .11 4 (2.9 ) .098(2.5) .03 2 (0.8 ) max .606(15.4 ) .583(14.8) .112(2.85) .100(2.55) .406(10.3)max .134(3.4)dia .113(3.0)dia ac ac + positive ct data sheet SF1001FCT~sf1007fct semiconductor http://www.yeashin.com 1 rev.02 20110725 c c c c c
ratings and characteristic curves SF1001FCT~sf1007fct http://www.yeashin.com 2 rev.02 20110725 rating and characteristic curves fig.1- forward current derating curve fig.4- typical instantaneous forward characteristic fig.2- maximum non - repetitive surge current fig.3- typical reverse characteristic ,tnerrucegrusdrawrofkaep no. of cycle at 60hz 150 125 100 75 50 25 0 1 2 5 10 20 50 100 8.3ms single half since-wave jedec method 0 2 4 6 8 10 leadlenghts resistiveorinductive load 0 20 40 60 80 100 120 140 160 case temperaure, c o ,tnerrucdrawrofegareva serepma .6 .8 1.0 1 1. .4 6 1.2 1.8 40 10 1 .1 2.0 instantaneous forward voltage ,volts t =25 c pulse width=200us j o 600v 300-400v 200v tnerrucdrawrofsuoenatntsni serepma 0.1 1 10 20 30 40 50 60 70 80 90 100 percent of rated peak reverse voltage, (%) instantaneous reverse current, a t j = 25c t j = 75c t j = 125c per diode


▲Up To Search▲   

 
Price & Availability of SF1001FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X